Part Number Hot Search : 
101KL RU40120S LZ254 X18XX 74HC688 BOE100 L6205D D30PF03L
Product Description
Full Text Search
 

To Download CX24113A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Set-top Box Solutions Satellite
Digital Satellite Tuner RF IC
CX24113A
Highly Integrated, Worldwide Broadband Satellite Front-End Solution
Conexant's portfolio includes a comprehensive suite of semiconductor solutions for broadband communications, enterprise networks and the digital home. The CX24113A is Conexant's third generation direct down-conversion satellite tuner RF IC intended for operator-based digital satellite networks and free-to-air systems. The CX24113A is a highly integrated satellite tuner solution that incorporates an advanced Fractional-N synthesizer, I2C serial interface, a fully integrated local oscillator, and variable baseband filters. The device has an improved power supply rejection ratio (PSRR), requires a single +3.3V supply, and features very low power consumption. The CX24113A has a built-in auto-tuning machine that eliminates the need for software calibration and accelerates the calibration time. The on-chip fractional synthesizer enables fine frequency step size without adversely affecting lock time. The CX24113 does not require a balun, thus reducing external bill of materials (BOM) cost. Its highly integrated design saves valuable board space and simplifies RF layout. The company's broad portfolio of semiconductor products also includes client-side xDSL and cable modem solutions, home network processors, broadcast video encoders and decoders, digital set-top box components and systems solutions, and dial-up modems. In addition to its IEEE 802.11a/b/g-compliant WLAN chipsets, software and reference designs, Conexant offers a suite of networking components that includes solutions for applications based on HomePlug(R) and HomePNATM. Additional products include a complete line of asymmetric and symmetric DSL central office solutions, which are used by service providers worldwide to deliver broadband data, voice, and video over copper telephone lines.
Distinguishing Features
* Single-chip RF-to-baseband satellite receiver * Zero-IF architecture eliminates the need for image reject filtering * Variable baseband filters for optimal interference rejection * Auto-tuning machine eliminates the need for software calibration
Variable Low AGC Amplifier Pass Filter RF INPUT VCA
90 0
* Very low power consumption
I Channel Output
* Small (6 mm x 6 mm) footprint * Lead-free package
VCO Reference Oscillator PLL Dividers, Phase Detector and Charge Pump Reference to Demod Programming and Control
Q Channel Output
Part Number CX24113A Description Digital Satellite Tuner RF IC
CX24113 Block Diagram
Set-top Box Solutions Satellite
CX24113A Features
* RF input: 925-2175 MHz * Input power range: -20 to -90 dBm * Symbol rate: 1-45 MSps * Noise figure: 10 dB, typical * Input IP3 at minimum gain: 10 dBm, typical * Baseband filter bandwidth: 3-40 MHz * Output voltage: 0.5 Vp-p @ RL > 1 k_ * Operating temperature: 0-85 C * Package type: 36-pin, Pb-free, QFN
Applications
* DSS/DVB set-top boxes * Digital VCR (DVR) * Commercial digital video, audio, and data receivers
(c) 2004, Conexant Systems, Inc. All Rights Reserved. Conexant and the Conexant logo are trademarks of Conexant Systems, Inc. All other trademarks are owned by their respective owners. Although Conexant strives for accuracy in all its publications, this material may contain errors or omissions and is subject to change without notice.
THIS MATERIAL IS PROVIDED AS IS AND WITHOUT
ANY EXPRESS OR IMPLIED WARRANTIES, INCLUDING MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE AND NON-INFRINGEMENT.
Conexant shall not be liable for any
www.conexant.com General Information: U.S. and Canada: (888) 855-4562 International: (732) 345-7500 Headquarters 4000 MacArthur Blvd. Newport Beach, CA 92660 Order# 102435C
special, indirect, incidental or consequential damages as a result of its use.
04-1344


▲Up To Search▲   

 
Price & Availability of CX24113A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X